Part Number Hot Search : 
SBL20 BYW81HR SL1026 TC115 63310 BAIR63 B7NB60FD TC74VHCT
Product Description
Full Text Search
 

To Download NX7834SA-1536MHZ-STBY2-SR-TEMP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  44 crystal units this is ultra small leadless surface mount type crystal unit. n features 8 compactness and thin (7.8 3.4 1.1 mm). 8 standard nominal frequency for pll-system are lined up (ex. gsm, pdc, amps, tacs, etc.). 8 frequency pullability performance which is absolutely required for the purpose of temperature compensation. 8 frequency characteristics provides easy making temperature compensation owing to its stable characteristics closed to crystal fit curve. 8 it is applicable to ir reflow. 8 taping package is for customer automatic loading operation. 8 display of temperature characteristics is possibile using a two-dimensional data code. (refer page 43) standard frequency (mhz) 7.8 0.1 d 0.08 d 0.08 5.0 0.15 1.0 0.15 1.4 0.15 (4x) (2x) (4x) 2.2 0.1 0.6 0.15 (2x) #2 #1 1.1 -0.2 +0.1 1.0 0.15 3.4 0.1 internal connections reference footprint #2 #4 1.8 1.8 8.2 3.8 0.9 1.2 0.9 #3, #4, #5, #6, is connected with a cover (please connect with a gnd or a power supply) #1 #3 #6 #5 n dimension (mm) surface mount type crystal units / nx7834sa (cp24j) 10.368 10.752 12.6 12.8 13.0 13.824 14.4 14.85 15.36 16.368 16.8 19.2 19.440 20.736 if you need non-standard specification, please contact us. [type name] in ( ) which is, it is previous name. item type frequency range overtone frequency tolerance (25??c) temperature characteristics (in reference to +25?c) operating temperature range equivalent series resistance drive level standard load capacitance operable temperature range 10 10 -6 ? 10 -6 ?0 ~ +60?c nx7834sa (cp24j) 9.6 mhz ~ 26 mhz fundamental 10 10 -6 10 10 -6 40 max 10 w (100 w max) 12pf ?0 ~ +85?c 10 10 -6 10 10 -6 ?0 ~ +75?c n specification


▲Up To Search▲   

 
Price & Availability of NX7834SA-1536MHZ-STBY2-SR-TEMP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X